|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
M54HC4049 RAD-HARD HEX BUFFER/CONVERTER (INVERTER) s s s s s s s s s s s HIGH SPEED: tPD = 8ns (TYP.) at VCC=6V LOW POWER DISSIPATION: ICC = 1A(MAX.) at TA=25C HIGH NOISE IMMUNITY: VNIH = VNIL = 28% VCC (MIN.) SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 6mA (MIN) BALANCED PROPAGATION DELAYS: tPLH tPHL WIDE OPERATING VOLTAGE RANGE: VCC (OPR) = 2V to 6V PIN AND FUNCTION COMPATIBLE WITH 54 SERIES 4049 SPACE GRADE-1: ESA SCC QUALIFIED 50 krad QUALIFIED, 100 krad AVAILABLE ON REQUEST NO SEL UNDER HIGH LET HEAVY IONS IRRADIATION DEVICE FULLY COMPLIANT WITH SCC-9401-037 DILC-16 FPC-16 ORDER CODES PACKAGE DILC FPC FM M54HC4049D M54HC4049K EM M54HC4049D1 M54HC4049K1 DESCRIPTION The M54HC4049 is an high speed CMOS HEX BUFFER (INVERTING) fabricated with silicon gate C2MOS technology. The internal circuit is composed of 2 stage inverters, which enables high noise immunity and a stable output. Input protection circuits are different from those of the high speed CMOS IC's. The VCC side diodes are designed to allow logic-level conversion from high-level voltages (up to 13V) to low level voltages. PIN CONNECTION May 2004 Rev. 1 1/9 M54HC4049 Figure 1: IEC Logic Symbols Figure 2: Input And Output Equivalent Circuit Table 1: Pin Description PIN N 2, 4, 6, 10, 12, 15 3, 5, 7, 9, 11, 14 13, 16 8 1 SYMBOL 1Y to 6Y 1A to 6A NC GND VCC NAME AND FUNCTION Data Outputs Data Inputs Not Connected Ground (0V) Positive Supply Voltage Table 2: Truth Table INPUT nA L H OUTPUT nY H L Table 3: Absolute Maximum Ratings Symbol VCC VI VO IIK IOK IO PD Tstg TL Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Current Power Dissipation Storage Temperature Lead Temperature (10 sec) Parameter Value -0.5 to +7 -0.5 to 15 -0.5 to VCC + 0.5 - 20 20 25 50 300 -65 to +150 265 Unit V V V mA mA mA mA mW C C ICC or IGND DC VCC or Ground Current Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied 2/9 M54HC4049 Table 4: Recommended Operating Conditions Symbol VCC VI VO Top tr, tf Supply Voltage Input Voltage Output Voltage Operating Temperature Input Rise and Fall Time VCC = 2.0V VCC = 4.5V VCC = 6.0V Parameter Value 2 to 6 0 to 13 0 to VCC -55 to 125 0 to 1000 0 to 500 0 to 400 Unit V V V C ns ns ns Table 5: DC Specifications Test Condition Symbol Parameter VCC (V) 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 4.5 6.0 VOL Low Level Output Voltage 2.0 4.5 6.0 4.5 6.0 II ICC Input Leakage Current Quiescent Supply Current 6.0 6.0 IO=-20 A IO=-20 A IO=-20 A IO=-4.0 mA IO=-5.2 mA IO=20 A IO=20 A IO=20 A IO=4.0 mA IO=5.2 mA VI = VCC or GND VI = 13 V VI = VCC or GND TA = 25C Min. 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 4.18 5.68 2.0 4.5 6.0 4.31 5.8 0.0 0.0 0.0 0.17 0.18 0.1 0.1 0.1 0.26 0.26 0.1 0.5 1 1.9 4.4 5.9 4.13 5.63 0.1 0.1 0.1 0.33 0.33 1 5 10 Typ. Max. Value -40 to 85C Min. 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 4.10 5.60 0.1 0.1 0.1 0.40 0.40 1 20 A A V V Max. -55 to 125C Min. 1.5 3.15 4.2 0.5 1.35 1.8 Max. V Unit VIH High Level Input Voltage Low Level Input Voltage High Level Output Voltage VIL V VOH 3/9 M54HC4049 Table 6: AC Electrical Characteristics (CL = 50 pF, Input tr = tf = 6ns) Test Condition Symbol Parameter VCC (V) 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 CL (pF) TA = 25C Min. Typ. 25 7 6 30 9 8 45 14 12 Max. 60 12 10 75 15 13 100 20 17 Value -40 to 85C Min. Max. 75 15 13 95 19 16 125 25 21 -55 to 125C Min. Max. 90 18 15 115 23 20 150 30 26 ns Unit tTLH tTHL Output Transition Time tPLH tPHL Propagation Delay Time 50 50 ns 150 Table 7: Capacitive Characteristics Test Condition Symbol Parameter VCC (V) 5.0 5.0 TA = 25C Min. Typ. 5 26 Max. 10 Value -40 to 85C Min. Max. 10 -55 to 125C Min. Max. 10 pF pF Unit CIN CPD Input Capacitance Power Dissipation Capacitance (note 1) 1) CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/6 (per gate) Figure 3: Test Circuit CL = 50pF or equivalent (includes jig and probe capacitance) RT = ZOUT of pulse generator (typically 50) 4/9 M54HC4049 Figure 4: Waveform - Propagation Delay Times (f=1MHz; 50% duty cycle) 5/9 M54HC4049 DILC-16 MECHANICAL DATA mm. DIM. MIN. A a1 a2 B b b1 D E e e1 e2 F I K L 10.90 1.14 17.65 7.62 7.29 2.1 3.00 0.63 1.82 0.40 0.20 20.06 7.36 0.45 0.254 20.32 7.62 2.54 17.78 7.87 7.49 17.90 8.12 7.70 3.83 12.1 1.5 0.429 0.045 0.695 0.300 0.287 0.88 TYP MAX. 2.71 3.70 1.14 2.39 0.50 0.30 20.58 7.87 MIN. 0.083 0.118 0.025 0.072 0.016 0.008 0.790 0.290 0.018 0.010 0.800 0.300 0.100 0.700 0.310 0.295 0.705 0.320 0.303 0.151 0.476 0.059 0.035 TYP. MAX. 0.107 0.146 0.045 0.094 0.020 0.012 0.810 0.310 inch 0056437F 6/9 M54HC4049 FPC-16 MECHANICAL DATA mm. DIM. MIN. A B C D E F G H L M N 0.38 6.0 18.75 0.33 0.38 4.31 22.0 0.43 6.75 9.76 1.49 0.102 8.76 0.127 8.89 1.27 0.43 0.48 0.015 0.237 0.738 0.013 0.015 0.170 0.867 0.017 TYP 6.91 9.94 MAX. 7.06 10.14 1.95 0.152 9.01 MIN. 0.266 0.384 0.059 0.004 0.345 0.005 0.350 0.050 0.017 0.019 TYP. 0.272 0.392 MAX. 0.278 0.399 0.077 0.006 0.355 inch F G D H 16 9 A N L 1 8 H E M C B 0016030E 7/9 M54HC4049 Table 8: Revision History Date 14-May-2004 Revision 1 First Release Description of Changes 8/9 M54HC4049 Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics All other names are the property of their respective owners (c) 2004 STMicroelectronics - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com 9/9 |
Price & Availability of M54HC404904 |